Part Number Hot Search : 
S1220 NMH0505S ASI2005 30201 KA75270Z GDPXA5 05S12 HCF40
Product Description
Full Text Search
 

To Download BZT52C10S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bl galaxy electrical production specification surface mount zener diode bzt52c2v0s-bzt52c39s document number: bl/sszdb019 www.galaxycn.com rev.a 1 features z planar die construction. pb lead-free z general purpose, medium current. z ideally suited for automat ed assembly processes. applications z zener diode. z ultra-small surface mount package. sod-323 ordering information type no. marking package code bzt52c2v4s-bzt52c51s see table 2 sod-323 maximum rating @ ta=25 unless otherwise specified characteristic symbol value unit forward voltage @ i f =10ma v f 0.9 v power dissipation p d 200 mw thermal resistance,junction to ambient air r ja 625 /w junction temperature t j 150 storage temperature range t stg -65-150 notes: 1. valid provided that device term inals are kept at am bient temperature. 2. short duration test pulse used in minimize self-heating effect. 3. f = 1khz. electrical characteristics @ ta=25 unless otherwise specified free datasheet http:///
bl galaxy electrical production specification surface mount zener diode bzt52c2v0s-bzt52c39s document number: bl/sszdb019 www.galaxycn.com rev.a 2 zener voltage range maximum zener impedance maximum reverse current v z @i zt i zt z zt @i zt z zk @i zk i zk i r @v r temperature coefficient of zener voltage @ i ztc mv/ type number marking code nom(v) min(v) max(v) ma ? ma a v min max bzt52c2v0s wy 2.0 1.91 2. 09 5 100 600 1.0 150 1.0 -3.5 0 bzt52c2v4s wx 2.4 2.2 2. 60 5 100 600 1.0 50 1.0 -3.5 0 bzt52c2v7s w1 2.7 2.5 2. 9 5 100 600 1.0 20 1.0 -3.5 0 bzt52c3v0s w2 3.0 2.8 3. 2 5 95 600 1.0 10 1.0 -3.5 0 bzt52c3v3s w3 3.3 3.1 3. 5 5 95 600 1.0 5 1.0 -3.5 0 bzt52c3v6s w4 3.6 3.4 3. 8 5 90 600 1.0 5 1.0 -3.5 0 bzt52c3v9s w5 3.9 3.7 4. 1 5 90 600 1.0 3 1.0 -3.5 0 bzt52c4v3s w6 4.3 4.0 4. 6 5 90 600 1.0 3 1.0 -3.5 0 bzt52c4v7s w7 4.7 4.4 5.0 5 80 500 1.0 3 2.0 -3.5 0.2 bzt52c5v1s w8 5.1 4.8 5.4 5 60 480 1.0 2 2.0 -2.7 1.2 bzt52c5v6s w9 5.6 5.2 6.0 5 40 400 1.0 1 2.0 -2.0 2.5 bzt52c6v2s wa 6.2 5.8 6. 6 5 10 150 1.0 3 4.0 0.4 3.7 bzt52c6v8s wb 6.8 6.4 7. 2 5 15 80 1.0 2 4.0 1.2 4.5 bzt52c7v5s wc 7.5 7.0 7. 9 5 15 80 1.0 1 5.0 2.5 5.3 bzt52c8v2s wd 8.2 7.7 8.7 5 15 80 1.0 0.7 5.0 3.2 6.2 bzt52c9v1s we 9.1 8.5 9.6 5 15 100 1.0 0.5 6.0 3.8 7.0 BZT52C10S wf 10 9.4 10.6 5 20 150 1.0 0.2 7.0 4.5 8.0 bzt52c11s wg 11 10.4 11.6 5 20 150 1.0 0.1 8.0 5.4 9.0 bzt52c12s wh 12 11.4 12.7 5 25 150 1.0 0.1 8.0 6.0 10.0 bzt52c13s wi 13 12.4 14.1 5 30 170 1.0 0.1 8.0 7.0 11.0 bzt52c15s wj 15 13.8 15.6 5 30 200 1.0 0.1 10.5 9.2 13.0 bzt52c16s wk 16 15.3 17.1 5 40 200 1.0 0.1 11.2 10.4 14.0 bzt52c18s wl 18 16.8 19.1 5 45 225 1.0 0.1 12.6 12.4 16.0 bzt52c20s wm 20 18.8 21.2 5 55 225 1.0 0.1 14.0 14.4 18.0 bzt52c22s wn 22 20.8 23.3 5 55 250 1.0 0.1 15.4 16.4 20.0 bzt52c24s wo 24 22.8 25.6 5 70 250 1.0 0.1 16.8 18.4 22.0 bzt52c27s wp 27 25.1 28.9 2 80 300 0.5 0.1 18.9 21.4 25.3 bzt52c30s wq 30 28.0 32.0 2 80 300 0.5 0.1 21.0 24.4 29.4 bzt52c33s wr 33 31.0 35.0 2 80 325 0.5 0.1 23.1 27.4 33.4 bzt52c36s ws 36 34.0 38.0 2 90 350 0.5 0.1 25.2 30.4 37.4 bzt52c39s wt 39 37.0 41.0 2 130 350 0.5 0.1 27.3 33.4 41.2 notes: 1. valid provided that device term inals are kept at am bient temperature. 2. tested with pulses, period=5ms, pulse width = 300 s. 3. f = 1khz. free datasheet http:///
bl galaxy electrical production specification surface mount zener diode bzt52c2v0s-bzt52c39s document number: bl/sszdb019 www.galaxycn.com rev.a 3 typical characteristics @ ta=25 unless otherwise specified free datasheet http:///
bl galaxy electrical production specification surface mount zener diode bzt52c2v0s-bzt52c39s document number: bl/sszdb019 www.galaxycn.com rev.a 4 package outline plastic surface mounted package sod-323 sod-323 dim min max a 1.275 1.325 b 1.675 1.725 c 0.9 typical d 0.25 0.35 e 0.27 0.37 h 0.02 0.1 j 0.1 typical k 2.6 2.7 all dimensions in mm e k h d c b a j soldering footprint unit : mm package information device package shipping bzt52c2v0s-bzt52c39s sod-323 3000/tape&reel free datasheet http:///


▲Up To Search▲   

 
Price & Availability of BZT52C10S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X